PART |
Description |
Maker |
MCP23008-E/SSVAO MCP23008T-E/SSVAO |
Interface- Serial Peripherals
|
Microchip
|
AT88RF001NBSP AT88RF001-01 AT88RF001 |
The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each RF Interface IC with 256-bit EEPROM and Password. Provides an RF interface for communication with two-wire and SPI serial memories. Low-cost Asset Identification IC with serial TWI/SPI interface, 320 bits RFID External EEPROM Interface IC
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
FM25C041 FM25C041U FM25C041UE FM25C041UV FM25C041U |
SERIAL EEPROM|512X8|CMOS|SOP|8PIN|PLASTIC 512 X 8 SPI BUS SERIAL EEPROM, PDSO8 4K-Bit SPI⑩ Interface Serial CMOS EEPROM 4K-Bit SPI Interface Serial CMOS EEPROM From old datasheet system 4K-Bit SPI?/a> Interface Serial CMOS EEPROM
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] http://
|
MAX1662 MAX1663 MAX1661-MAX1663 MAX1661 MAX1661EUB |
TRIPLE MOSFET DRIVER|BICMOS|TSSOP|10PIN|PLASTIC SWITCHING CONTROLLER, PDSO10 Serial-to-Parallel/Parallel-to-Serial Converters and Load-Switch Controllers with SMBus Interface Serial to Parallel Parallel to Serial Converters and Load Switch Controllers with SMBus Interface Serial-parallel/parallel-to-serial converter and load-switch controller with SMBus interface
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
MAX127-MAX128 MAX128 MAX128ACAI MAX128ACNG MAX128A |
Multirange, 5V, 12-Bit DAS with 2-Wire Serial Interface Multirange 5V 12-Bit DAS with 2-Wire Serial Interface Multirange. 5V.12-Bit DAS with 2-Wire Serial Interface Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:15-15 RoHS Compliant: No 多量程,5V的,12位DAS线串行接
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX5380 MAX5380EUK-T MAX5380LEUK MAX5380-MAX5382 M |
4 V, Low-cost, low-power, 8-bit DAC with 2-wire serial interface Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23 SERIAL INPUT LOADING, 20 us SETTLING TIME, 8-BIT DAC, PDSO5 Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23 低成本,低功耗,8位DAC2线串行接口,采用SOT23 Low-Cost Low-Power 8-Bit DACs with 2-Wire Serial Interface in SOT23 " Low-Cost, Low- Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23" Low-Cost / Low-Power / 8-Bit DACs with 2-Wire Serial Interface in SOT23
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
TC1046 EMC1001 MCP6041-I-SN EMC2112 TC74 TC621 TC6 |
Analog & Interface Product Selector Guide Analog and Interface Product Selector Guide Thermal Management ?Motor Driver ?Interface Peripherals Power Management ?Linear & Mixed Signal ?Safety & Security Analog and Interface Product Selector Guide Analog & Interface Product Selector Guide
|
Microchip Technology
|
AD7827BR-REEL AD7827BR-REEL7 AD7827BRZ AD7827BN |
3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC 1-CH 8-BIT FLASH METHOD ADC, SERIAL ACCESS, PDSO8 14-Bit 48KSPS DAS with ADC, MUX, PGA and Internal Reference 28-SSOP -40 to 85 1-CH 8-BIT FLASH METHOD ADC, SERIAL ACCESS, PDIP8 3/5V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 1-CH 8-BIT FLASH METHOD ADC, SERIAL ACCESS, PDSO8
|
Analog Devices, Inc.
|
MAX4820 MAX4821 MAX4820ETP MAX4821EUP MAX4820EUP M |
3.3V/ 5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface 0.07 A BUF OR INV BASED PRPHL DRVR, QCC20 3.3V/ 5V 8-Channel Cascadable Relay Drivers with Serial/Parallel Interface " 3.3V/ 5V, 8- Channel, Cascadable Relay Drivers with Serial/Parallel Interface"
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
33880 |
Configurable Octal Serial Switch with Serial Peripheral Interface I/O
|
飞思卡尔半导体(中国)有限公司
|
MCZ33880EG MCZ33880EW MCZ33880EWR2 3388008 MC33880 |
Configurable Octal Serial Switch with Serial Peripheral Interface I/O
|
Freescale Semiconductor, Inc Freescale Semiconductor...
|
MC33880PEG MC33880PEW 3388012 |
Configurable Octal Serial Switch with Serial Peripheral Interface I/O
|
Freescale Semiconductor, Inc
|